Part Number Hot Search : 
RG4BC CYM1464 M3062 LVCH16 0FXH155 RB551 BZX55 L643706
Product Description
Full Text Search
 

To Download PPTR0040AP2VN-R111 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Precision Pressure Transducer Ruggedized (PPTR) - Submersible
Honeywell's submersible PPTR transducer is a rugged, smart pressure transducer for use in the harsh environment of liquid measurements. It combines proven silicon sensor technology with microprocessor-based signal conditioning to provide an extremely smart pressure transducer. The PPTR submersible utilizes an integral SEA CON
(R)
electrical
connector. The transducer is designed with an environmentally sealed, stainless steel construction that can operate in severe environments. The PPTR has many software features that support a wide range of applications. APPLICATIONS:

Ocean Depth Remotely operated underwater vehicle (ROV) Autonomously operated underwater vehicles Data Loggers Water Level
0.07% FS Total Error Band from -4 to 60C RS-232 or RS-485 Digital
Environmentally Sealed
FEATURES AND BENEFITS
High Accuracy 0.07% FS Total Error Band from -4 to 60 C Smart, Digital Sensing and Control
ISO-9001 ISO-14001
System Design additional signal compensation Simplifiesto gain the benefits Noa very accurate sensor. needed of
Easy Interface - Connects to PC via communication port. Digital Outputs. - RS-232 or RS-485media - harsh gases or liquids. Isolation diaphragm handles most
Rugged Design - Operates in severe environments. Optimizes Output - User-configurable pressure units, sampling, update rate. Flags Problems - Internal diagnostics set flags, provide status.
Versatile and Configurable
User Selectable Software Features
Baud Rate, Parity Setting, Continuous Broadcast, ASCII or Binary
Output, Sensor Temperature Output ( C or F)
PPTR Submersible
SPECIFICATIONS
Performance Specifications (1) Total Band Error: (from -4 to 60 C ) Digital: 0.07% FS Max.(2) Temperature: 1C (at sensing element) Temperature Range: Operating -4 to 60C (-24 to 140F) Storage: -40 to 90C (-40 to 194F) Sample Rate(5): 8.33ms to 51.2 min Resolution: Digital: Up to 0.001% FS Response Delay: (1000/update rate) +1ms, minimum 17ms Mechanical Specifications Pressure Ranges and Type: See Ordering Information Pressure Units(5): atm, bar, cmwc, ftwc, hPa, inHg, inwc, kg/cm, KPa, mBar, mmHg, MPa, mwc, psi, user, Icom, pfs Media Compatibility: Suitable for media compatible with 316 stainless steel(6) Weight: 15 oz. (424 g) with Delrin(R) protective cap Electrical Specifications Output: RS-232 Digital RS-485 Digital Power Requirements: Supply Voltage: 6 to 30 VDC Operating Current: 19-27mA Baud Rate(5): 1200, 2400, 4800, 9600, 14400, 19200, 28800 Environmental Features(3)(4) Overpressure: 3x FS, maximum 6000psi Burst Pressure: 3x FS, maximum 8500psi
(1) Total Error Band is the sum of worst case linearity, repeatability, hysteresis, thermal effects and calibration errors from -4 to 60C. Calibration is traceable to NIST. (2) Consult factory for other pressure range or accuracy options. (3) Exposure to overpressure will not permanently affect calibration or accuracy of unit. Exceeding burst pressure may result in media escape. (4) SEA CON(R) connector MC-BH-6-M Micro WET-CON. Mates with SEA CON(R) Micro WET-CON MC-IL-6-F connector with MC-DLS-F locking sleeve. (5) User configurable. (6) For compatibility with various liquids, please note the materials used for manufacturing the connector and protective cap consist of Hypalon, SS316L and Delrin 150.
CASE OUTLINE: Dimensions: inches [cm]
ORDERING INFORMATION
PPTR Precision Pressure Transducer Ruggedized - Submersible Option
FULL SCALE PRESSURE RANGE Absolute 0040 40 PSI 0100 100 PSI 0300 300 PSI 0500 500 PSI 1000 1000 PSI 1500 1500 PSI 3000 3000 PSI TYPE P1 Pressure A Absolute 0(vacuum) to FS P1 PRESSURE CONNECTION P 1/4 - 18 NPT (internal) OUTPUTS 2V RS-232 digital 5V RS-485 digital ELECTRICAL CONFIGURATION AND CONNECTION N Not Applicable(4) OPTIONS R111 Submersible Option(4) R120 Submersible Option, includes black protective Delrin(R) cap over pressure fitting. PPTR 3000 A P 2V N -R111
SUBMERSIBLE CONNECTOR PINOUT DIAGRAM
Signal Name 1 RS-232 (TD) / RS-485 (B) 2 RS-232 (RD) / RS-485 (A) 3 Case Ground 4 Common Ground (GD) 5 DC P ower In 6 Unused - Do Not Connect
Find out more
For more information on Honeywell's Precision Pressure Transducers visit us online at www.honeywell.com/pressuresensing or contact us at 800-323-8295 or 763-954-2474. Customer Service Email: ps.customer.support@honeywell.com.
Honeywell reserves the right to make changes to improve reliability, function or design. Honeywell does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others.
SEA CON(R) is a registered trademark of Brantner & Associates, Inc. Delrin(R) is a registered trademark of E.I. du Pont de Nemours and Company or its affiliates.
Honeywell Aerospace Honeywell International Inc. 12001 Highway 55 Plymouth, MN 55441 www.honeywell.com
ADS-14183 July 2009 (c)2009 Honeywell International Inc.


▲Up To Search▲   

 
Price & Availability of PPTR0040AP2VN-R111

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X